Part Number Hot Search : 
C1394 MAX395 DD352 RF1127 8206B 0N06S S1ZA20 GRM21
Product Description
Full Text Search
 

To Download 0743205000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0743205000 Active
MicroCrossTM DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical, 0.76m (30") Gold (Au), Lead Free, Screw Hole, 4-40 Thread, 24 Circuits
Documents: Drawing (PDF) Test Summary (PDF)
Product Specification PS-74320-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
UL E29179
General
Product Family Series Application Comments Component Type MolexKits Product Name Type I/O Connectors 74320 Wire-to-Board DDWG (Digital Display Working Group) Standard Receptacle Yes MicroCrossTMDVI N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) N/A 24 24 Natural 100 94V-0 Receptacle Yes Yes Copper Alloy Gold Tin 3 Vertical 0.092 In 2.34 mm Yes Yes Tray Yes 0.075 In 1.91 mm 0.075 In 1.91 mm 30 0.76 100 2.50 Yes Yes 1 No
Search Parts in this Series 74320Series Mates With 88744 , 74323 Use With 71781 Panel Mount Hex Screw Kit
Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG
-20C to +85C Through Hole No N/A
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 3A Yes Full Shield Yes 40V AC (RMS)
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-74320-002, PK-74320-010 PS-74320-001 SD-74320-004 TS-74320-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0743205000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X